PART |
Description |
Maker |
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
UC3500 UC3550L-XX-AF5-R UC3550-XX-AF5-R UC3550-33- |
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER PWM控制,PWM / PFM切换升压型DC - DC控制 PWM CONTROLLED锛?WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MAX1652 MAX1652EEE MAX1653 MAX1653EEE MAX1653ESE M |
High-Efficiency / PWM / Step-Down DC-DC Controllers in 16-Pin QSOP High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
5962-8994302QX 5962-8994303QX 5962-8994305QX 5962- |
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit 多模先进先出 High-Efficiency, Current-Mode, Inverting PWM Controller 多模先进先出 White LED Step-Up Converter in SOT23 多模先进先出
|
PHOENIX CONTACT Deutschland GmbH
|
TC110301ECT TC110303ECT TC110331ECT TC110333ECT TC |
The TC110 is a step-up (Boost) switching controller that furnishes output currents as high as 300 mA while delivering a typical efficiency of 84%. The TC110 normally operates in pulse width modulation mode (PWM), but automatically switches The TC110 is a step-up (Boost) switching controller that furnishes output currents as high as 300 mA while delivering a typical efficiency ... PFM/PWM Step-Up DC/DC Controller 烤瓷/ PWM升压DC / DC控制
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
RT8010 RT8010-15PQW RT8010-12PQW RT8010-10PQW RT80 |
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corp... Richtek Technology Corporation
|
RT8020CPQW RT8020BPQW RT8020APQW RT8020 RT8020AGQW |
Dual High-Efficiency PWM Step-Down DC-DC Converter
|
http:// Richtek Technology Corporation
|
EUP3020 EUP3020JIR1 |
Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
|
Eutech Microelectronics Inc
|
MAX1652-MAX1655 |
High-Efficiency PWM Step-Down DC-DC Controllers in 16-Pin QSOP
|
Maxim Integrated Products, Inc.
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
LP3203-33J5F LP3203-25J5F LP3203-18J5F LP3203-12J5 |
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|